Part Number Hot Search : 
PX0587 LT3483A NM24C16U AY31015D E000699 MH16S M6800 T0009P
Product Description
Full Text Search
 

To Download IXFV52N30PS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2004 ixys all rights reserved g = gate d = drain s = source tab = drain ds99197a(9/04) polarht tm hiperfet power mosfet ixfh 52n30p v dss = 300 v ixfv 52n30p i d25 = 52 a ixfv 52n30ps r ds(on) 66 m ? ? ? ? ? t rr 250 ns advanced technical information n-channel enhancement mode fast recovery intrinsic diode features z international standard packages z unclamped inductive switching (uis) rated z low package inductance - easy to drive and to protect z fast intrinsic diode advantages z easy to mount z space savings z high power density symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. v dss v gs = 0 v, i d = 250 a 300 v v gs(th) v ds = v gs , i d = 4ma 3.0 5.0 v i gss v gs = 30 v dc , v ds = 0 100 na i dss v ds = v dss 25 a v gs = 0 v t j = 150 c 1000 a r ds(on) v gs = 10 v, i d = 0.5 i d25 66 m ? pulse test, t 300 s, duty cycle d 2 % symbol test conditions maximum ratings v dss t j = 25 c to 150 c 300 v v dgr t j = 25 c to 150 c; r gs = 1 m ? 300 v v gs continuous 20 v v gsm transinet 30 v i d25 t c = 25 c52a i dm t c = 25 c, pulse width limited by t jm 150 a i ar t c = 25 c52a e ar t c = 25 c30mj e as t c = 25 c 1.0 j dv/dt i s i dm , di/dt 100 a/ s, v dd v dss , 10 v/ns t j 150 c, r g = 4 ? p d t c = 25 c 400 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c t l 1.6 mm (0.062 in.) from case for 10 s 300 c plastic body for 10s 250 c f c mounting force 11...65/2.5...111 n/lb m d mounting torque (to-247) 1.13/10 nm/lb.in. weight to-247 6.0 g plus220 5.0 g g d s to-247 (ixfh) (tab) g s d (tab) plus220smd (ixfv__s) g s d plus220 (ixfv)
ixys reserves the right to change limits, test conditions, and dimensions. ixfh 52n30p ixfv 52n30p ixfv 52n30ps symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs v ds = 10 v; i d = 0.5 i d25 , pulse test 20 30 s c iss 3490 pf c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 550 pf c rss 130 pf t d(on) 24 ns t r v gs = 10 v, v ds = 0.5 v dss , i d = i d25 22 ns t d(off) r g = 4 ? (external) 60 ns t f 20 ns q g(on) 110 nc q gs v gs = 10 v, v ds = 0.5 v dss , i d = 0.5 i d25 25 nc q gd 53 nc r thjc 0.31 k/w r thck 0.21 k/w source-drain diode characteristic values (t j = 25 c, unless otherwise specified) symbol test conditions min. typ. max. i s v gs = 0 v 52 a i sm repetitive 150 a v sd i f = i s , v gs = 0 v, 1.5 v pulse test, t 300 s, duty cycle d 2 % t rr i f = 25 a, v gs = 0 v, 160 250 ns q rm di/dt = -100 a/ s, v r = 0 v 800 nc i rm 7a ixys mosfets and igbts are covered by 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 one or moreof the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405b2 6,759,692 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 to-247 (ixfh) outline dim. millimeter inches min. max. min. max. a 4.7 5.3 .185 .209 a 1 2.2 2.54 .087 .102 a 2 2.2 2.6 .059 .098 b 1.0 1.4 .040 .055 b 1 1.65 2.13 .065 .084 b 2 2.87 3.12 .113 .123 c .4 .8 .016 .031 d 20.80 21.46 .819 .845 e 15.75 16.26 .610 .640 e 5.20 5.72 0.205 0.225 l 19.81 20.32 .780 .800 l1 4.50 .177 ? p 3.55 3.65 .140 .144 q 5.89 6.40 0.232 0.252 r 4.32 5.49 .170 .216 s 6.15 bsc 242 bsc terminals: 1 - gate 2 - drain 3 - source tab - drain 1 2 3 d1 l l3 l1 e1 e e b d c a2 a1 a l2 terminals: 1 - gate 2 - drain 3 - source tab - drain e1 e l2 d l3 l l1 3x b 2x e c a2 a1 a e1 d1 plus220 (ixfv) outline l l3 l2 l1 a1 e1 e d1 e b d c a2 a a3 l4 terminals: 1 - gate 2 - drain 3 - source tab - drain e e1 d l2 a a1 l1 l l3 e 2x b c a2 l4 a3 e1 plus220smd (ixfv__s) outline
? 2004 ixys all rights reserved fig. 2. extended output characteristics @ 25 deg. c 0 25 50 75 100 125 150 0 5 10 15 20 25 v d s - volts i d - amperes v gs = 10v 9v 5v 6v 7v 8v fig. 3. output characteristics @ 125 deg. c 0 5 10 15 20 25 30 35 40 45 50 55 012345678910 v d s - volts i d - amperes v gs = 10v 8v 7v 5v 6v fig. 1. output characteristics @ 25 deg. c 0 5 10 15 20 25 30 35 40 45 50 55 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 v d s - volts i d - amperes v gs = 10v 8v 5v 6v 7v fig. 4. r ds(on) norm alized to i d25 v alue vs. junction temperature 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade r d s (on) - normalize d i d = 52a i d = 26a v gs = 10v fig. 6. drain current vs. case temperature 0 5 10 15 20 25 30 35 40 45 50 55 -50 -25 0 25 50 75 100 125 150 t c - degrees centigrade i d - amperes fig. 5. r ds(on) norm alized to i d25 value vs. i d 0.6 1 1.4 1.8 2.2 2.6 3 3.4 3.8 0 25 50 75 100 125 150 i d - amperes r d s (on) - normalize d t j = 125oc t j = 25oc v gs = 10v ixfh 52n30p ixfv 52n30p ixfv 52n30ps
ixys reserves the right to change limits, test conditions, and dimensions. ixfh 52n30p ixfv 52n30p ixfv 52n30ps fig. 11. capacitance 100 1000 10000 0 5 10 15 20 25 30 35 40 v d s - volts capacitance - p f c iss c oss c rss f = 1mhz fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 20 40 60 80 100 120 q g - nanocoulombs v g s - volts v ds = 150v i d = 26a i g = 10ma fig. 7. input adm ittance 0 10 20 30 40 50 60 70 80 90 100 44.5 55.5 66.5 77.5 8 v g s - volts i d - amperes t j = 125oc 25oc -40oc fig. 8. transconductance 0 10 20 30 40 50 60 0 10 2030 405060 7080 90100 i d - amperes g f s - siemens t j = -40oc 25oc 125oc fig. 9. source current vs. source-to-drain voltage 0 25 50 75 100 125 150 0.4 0.6 0.8 1 1.2 1.4 v s d - volts i s - amperes t j = 125oc t j = 25oc fig. 12. for w ar d-bias safe operating area 1 10 100 1000 10 100 1000 v d s - volts i d - amperes 25s 1ms dc t c = 25oc r ds (on) limit 10ms
? 2004 ixys all rights reserved fig. 13. maximum transient thermal resistance 0.01 0.10 1.00 1 10 100 1000 pulse width - milliseconds r (th) j c - (oc/w) ixfh 52n30p ixfv 52n30p ixfv 52n30ps


▲Up To Search▲   

 
Price & Availability of IXFV52N30PS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X